Part Number Hot Search : 
0505X SM5841HS AQW280SZ ZSLS7025 147X0 SS7519 78L00 AP4435G
Product Description
Full Text Search
 

To Download 2SA1215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SA1215
DESCRIPTION With MT-200 package Complement to type 2SC2921 APPLICATIONS Audio and general purpose
PINNING(see Fig.2) PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (MT-200) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25ae Open emitter Open base Open collector CONDITIONS VALUE -160 -160 -5 -15 -4 150 150 -55~150 ae ae UNIT V V V A A W
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=-25mA ; IB=0 IC=-5A ;IB=-0.5A VCB=-160V; IE=0 VEB=-5V; IC=0 IC=-5A ; VCE=-4V IE=0 ; VCB=-10V;f=1MHz IC=-2A ; VCE=-12V 50 400 50 MIN -160 TYP.
2SA1215
SYMBOL VCEO VCEsat ICBO IEBO hFE Cob fT
MAX
UNIT V
-2.0 -100 -100 180 |I |I
V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=-5A;RL=12| IB1=-IB2=-0.5A VCC=-60V 0.25 0.85 0.20 |I |I |I s s s
hFE classifications O 50-100 P 70-140 Y 90-180
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1215
Fig.2 outline dimensions
3
JMnic
Product Specification
Silicon PNP Power Transistors
2SA1215
4


▲Up To Search▲   

 
Price & Availability of 2SA1215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X